Part Number Hot Search : 
RS0204 3PR5K D366KS 13F62 EM4444 MMBZ5227 6DAF1 02111
Product Description
Full Text Search
 

To Download RTD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Platinum Temperature Sensor
Welwyn Components
RTD Series * * * * * High stability Platinum based sensor High resolution, accuracy and interchangeability Compatible with automatic placement equipment Wide temperature range - very fast response time Surface mount package available with SnPb and Pb-free terminations
Electrical Data
P0603 Self Heating 0.14C / mW Available Resistances Resistance Tolerances Operating Temperature Range Temperature Coefficient Insulation Resistance Recommended Measuring Current Long Term Stability (10,000 hours at 125C) Termination
* Temperature coefficient in accordance with IEC751
P0805 0.13C/mW 100 0.5%, 1%, 2%, 5% -55C to +150C +3850 ppm/C 10M minimum at 25C 1mA <0.05% 60/40 SnPb or 100% Sn
P1206 0.13C/mW 100, 1.0K
100
The temperature sensor is a conventional thin film platinum RTD in a surface mount package designed for temperature sensing, over-temperature protection and temperature compensation in any application where printed circuit board temperature sensing is desired.
Performance Data
Settling Response Time P0603 Rapidly Stirred Oil Air @ 1m/s 0.1s (t0.5) 1.1s (t0.5) 0.4s (t0.9) 3.7s (t0.9) 0.1s (t0.5) 1.2s (t0.5) P0805 0.4s (t0.9) 4.2s (t0.9) 0.2s (t0.5) 1.8s (t0.5) P1206 0.6s (t0.9) 6s (t0.9)
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn's own data and is considered accurate at time of going to print.
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
A subsidiary of TT electronics plc CHC Series Issue June 2006
Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
Platinum Temperature Sensor
Welwyn Components
Physical Data
L a
TOP
W
BOTTOM
SIDE
b
H
L P0603 P0805 P1206 1.60 0.1 2.06 0.13 3.20 0.13
W 0.79 0.1 1.27 0.13 1.60 0.13
H 0.51 0.1 0.51 0.15 0.61 0.1
a 0.20 0.1 0.41 0.2 0.41 0.2
b 0.20 0.1 0.41 0.2 0.41 0.2
Ordering Data
P1206 Model 43 100R D
Temperature Coefficient
42 = +3850 ppm/C 100 ppm/C 43 = +3850 ppm/C 50 ppm/C
Value (use IEC62 code)
Tolerance (use IEC62 code)
D= 0.5% F= 1.0% G=2.0% J=5.0%
Finish
Blank = Pb Free PB = SnPb
For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below.
(c) Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 * Facsimile: +44 (0) 1670 829465 * Email: info@welwyn-tt.com * Website: www.welwyn-tt.com
CHC Series Issue June 2006


▲Up To Search▲   

 
Price & Availability of RTD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X